|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2M x 8 - Bit Dynamic RAM 2k Refresh (Hyper Page Mode- EDO) Advanced Information * * * HYB3117805BSJ -50/-60/-70 2 097 152 words by 8-bit organization 0 to 70 C operating temperature Performance: -50 tRAC tCAC tAA tRC tHPC RAS access time CAS access time Access time from address Read/Write cycle time Hyper page mode (EDO) cycle time 50 13 25 84 20 -60 60 15 30 104 25 -70 70 20 35 124 30 ns ns ns ns ns * * Single + 3.3 V ( 0.3 V) supply Low power dissipation max. 432 mW active (-50 version) max. 396 mW active (-60 version) max. 360 mW active (-70 version) 7.2 mW standby (LV-TTL) 3.6 mW standby (CMOS) Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh, self refresh and test mode Hyper page mode (EDO) capability All inputs, outputs and clocks fully TTL-compatible 2048 refresh cycles / 32 ms (2k-Refresh) Plastic Package: P-SOJ-28-3 400 mil * * * * * Semiconductor Group 1 1.96 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM The HYB 3117805BSJ is a 16 MBit dynamic RAM organized as 2 097 152 words by 8-bits. The HYB 3117805BSJ utilizes a submicron CMOS silicon gate process technology, as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. Multiplexed address inputs permit the HYB 3117805BSJ to be packaged in a standard SOJ 28 plastic package with 400 mil width. These packages provide high system bit densities and are compatible with commonly used automatic testing and insertion equipment. System-oriented features include single + 3.3 V ( 0.3 V) power supply, direct interfacing with high-performance logic device families such as Schottky TTL. Ordering Information Type HYB 3117805BJ-50 HYB 3117805BJ-60 HYB 3117805BJ-70 Pin Names A0-A10 A0-A9 RAS OE I/O1-I/O8 CAS WE Row Address Inputs Column Address Inputs Row Address Strobe Output Enable Data Input/Output Column Address Strobe Read/Write Input Power Supply (+ 3.3 V) Ground (0 V) not connected Ordering Code Q67100-Q1151 Q67100-Q1152 Package P-SOJ-28-3 400 mil P-SOJ-28-3 400 mil P-SOJ-28-3 400 mil Descriptions DRAM (access time 50 ns) DRAM (access time 60 ns) DRAM (access time 70 ns) VCC VSS N.C. Semiconductor Group 2 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM P-SOJ-28-3 400 mil VCC I/O1 I/O2 I/O3 I/O4 WE RAS N.C. A10 A0 A1 A2 A3 VCC O 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VSS I/O8 I/O7 I/O6 I/O5 CAS OE A9 A8 A7 A6 A5 A4 VSS Pin Configuration Semiconductor Group 3 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM I/O1 I/O2 I/O8 WE CAS . & Data in Buffer No. 2 Clock Generator 8 Data out Buffer 8 OE 10 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 11 Column Address Buffer(10) 10 Column Decoder Refresh Controller Sense Amplifier I/O Gating 8 Refresh Counter (11) 11 Row 1024 x8 Address Buffers(11) 11 Decoder 2048 Row Memory Array 2048x1024x8 RAS No. 1 Clock Generator Block Diagram Semiconductor Group 4 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM Absolute Maximum Ratings Operating temperature range ............................................................................................0 to 70 C Storage temperature range.........................................................................................- 55 to 150 C Input/output voltage ................................................................................-0.5 to min (Vcc+0.5,4.6) V Power supply voltage...................................................................................................-1.0V to 4.6 V Power dissipation..................................................................................................................... 0.5 W Data out current (short circuit) ................................................................................................ 50 mA Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. DC Characteristics TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Input high voltage Input low voltage TTL Output high voltage (IOUT = - 2 mA) TTL Output low voltage (IOUT = 2 mA) CMOS Output high voltage (IOUT = -100 uA) CMOS Output low voltage (IOUT = 100 uA) Input leakage current (0 V VIH Vcc + 0.3V, all other pins = 0 V) Output leakage current (DO is disabled, 0 V VOUT Vcc + 0.3V) Average VCC supply current: -50 ns version -60 ns version -70 ns version (RAS, CAS, address cycling, tRC = tRC min.) Symbol Limit Values min. max. Vcc+0.5 0.8 - 0.4 0.2 10 10 2.0 - 0.5 2.4 - - - 10 - 10 Unit Test Condition V V V V V V A A 1) 1) 1) 1) 1) 1) VIH VIL VOH VOL VOH VOL II(L) IO(L) ICC1 VCC-0.2 - - - - 120 110 100 mA mA mA 2) 3) 4) 2) 3) 4) 2) 3) 4) Standby VCC supply current (RAS = CAS = VIH) ICC2 Average VCC supply current, during RAS-only refresh cycles: -50 ns version -60 ns version -70 ns version (RAS cycling: CAS = VIH, tRC = tRC min.) - - - - 2 120 110 100 mA mA mA mA - 2) 4) 2) 4) 2) 4) ICC3 Semiconductor Group 5 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM DC Characteristics TA = 0 to 70 C, VSS = 0 V, VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Symbol Limit Values min. max. 70 55 45 Unit Test Condition mA mA mA 2) 3) 4) 2) 3) 4) 2) 3) 4) Average VCC supply current, during hyper page ICC4 mode EDO): -50 ns version -60 ns version -70 ns version (RAS = VIL, CAS, address cycling, tPC = tPC min.) - - - Standby VCC supply current (RAS = CAS = VCC - 0.2 V) Average VCC supply current, during CASbefore-RAS refresh mode: -50 ns version -60 ns version -70 ns version (RAS, CAS cycling, tRC = tRC min.) ICC5 ICC6 - 1 mA 1) - - - 120 110 100 mA mA mA 2) 4) 2) 4) 2) 4) Average Self Refresh Current (CBR cylce with tRAS>TRASSmin., CAS held low, WE=Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V) ICC7 _ 1 mA Capacitance TA = 0 to 70 C,VCC = 3.3 V 0.3V , f = 1 MHz Parameter Input capacitance (A0 to A10) Input capacitance (RAS, CAS, WE, OE) I/O capacitance (I/O1-I/O8) Symbol Limit Values min. max. 5 7 7 pF pF pF - - - Unit CI1 CI2 CIO Semiconductor Group 6 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM AC Characteristics 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Symbol 16E Limit Values -50 min. -60 -70 max. - - 10k 10k - - - - 53 35 - - - 50 32 max. min. - - 10k 10k - - - - 37 25 104 40 60 10 0 10 0 10 14 12 15 50 - 50 32 5 1 - max. min. - - 10k 10k - - - - 45 30 - - - 50 32 124 50 70 12 0 10 0 12 14 12 17 60 5 1 - Unit Note common parameters Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay RAS hold time CAS hold time CAS to RAS precharge time Transition time (rise and fall) Refresh period tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH tCRP tT tREF 84 30 50 8 0 8 0 8 12 10 13 40 5 1 - ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms 7 Read Cycle Access time from RAS Access time from CAS OE access time Read command setup time Read command hold time Read command hold time referenced to RAS CAS to output in low-Z Output buffer turn-off delay Output turn-off delay from OE tRAC tCAC tOEA tRCS tRCH tRRH tCLZ tOFF tOEZ - - - - 25 0 0 0 0 0 0 50 13 25 13 - - - - - 13 13 - - - - 30 0 0 0 0 0 0 60 15 30 15 - - - - - 15 15 - - - - 35 0 0 0 0 0 0 70 17 35 17 - - - - - 17 17 ns ns ns ns ns ns ns ns ns ns ns 11 11 8 12 12 8, 9 8, 9 8,10 Access time from column address tAA Column address to RAS lead time tRAL Semiconductor Group 7 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM AC Characteristics (cont'd) 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Symbol 16E Limit Values -50 min. -60 0 0 13 13 - - - - 0 0 15 15 -70 max. - - - - max. min. - - - - max. min. Unit Note Data to CAS low delay Data to OE low delay CAS high to data delay OE high to data delay tDZC tDZO tCDD tODD 0 0 10 10 ns ns ns ns 13 13 14 14 Write Cycle Write command hold time Write command pulse width Write command setup time tWCH tWP tWCS 8 8 0 13 13 0 8 - - - - - - - 10 10 0 15 15 0 10 - - - - - - - 10 10 0 17 17 0 12 - - - - - - - ns ns ns ns ns ns ns 16 16 15 Write command to RAS lead time tRWL Write command to CAS lead time tCWL Data setup time Data hold time tDS tDH Read-modify-Write Cycle Read-write cycle time RAS to WE delay time CAS to WE delay time OE command hold time tRWC tRWD tCWD tOEH 113 64 27 39 10 - - - - - 138 77 32 47 13 - - - - - 162 89 36 54 15 - - - - - ns ns ns ns ns 15 15 15 Column address to WE delay time tAWD Hyper Page Mode (EDO) Cycle Hyper page mode (EDO) cycle time CAS precharge time Access time from CAS precharge Output data hold time RAS pulse width in EDO mode CAS precharge to RAS Delay tHPC tCP tCPA tCOH tRAS tRHPC 20 8 - 5 50 27 - - 27 - - 25 10 - 5 32 - - 32 - - 30 10 - 5 37 - - 37 - - ns ns ns ns ns 7 200k 60 200k 70 200k ns Semiconductor Group 8 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM AC Characteristics (cont'd) 5)6) TA = 0 to 70 C,VCC = 3.3 V 0.3 V, tT = 2 ns Parameter Symbol 16E Limit Values -50 min. -60 -70 max. - - max. min. - - 68 49 max. min. - - 77 56 Unit Note Hyper Page Mode (EDO) Read-modify-Write Cycle Hyper page mode (EDO) readwrite cycle time CAS precharge to WE tPRWC tCPWD 58 41 ns ns CAS-before-RAS Refresh Cycle CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time tCSR tCHR tRPC tWRP 10 10 5 10 10 - - - - - 10 10 5 10 10 - - - - - 10 10 5 10 10 - - - - - ns ns ns ns ns Write hold time referenced to RAS tWRH CAS-before-RAS Counter Test Cycle CAS precharge time tCPT 35 - 40 - 40 - ns Self Refresh Cycle RAS pulse width RAS precharge CAS hold time tRASS tRPS tCHS 100k _ 95 -50 _ _ 100k _ 110 -50 _ _ 100k _ 130 -50 _ _ ns ns ns 17 17 17 Test Mode Write command setup time Write command hold time CAS hold time tWTS tWTH tCHRT 10 10 30 - - - 10 10 30 - - - 10 10 30 - - - ns ns ns Semiconductor Group 9 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM Notes: 1) All voltages are referenced to VSS. 2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. 3) ICC1 and ICC4 depend on output loading. Specified values are obtained with the output open. 4) Address can be changed once or less while RAS = Vil. In case of ICC4 it can be changed once or less during a hyper page mode (EDO) cycle 5) An initial pause of 200 s is required after power-up followed by 8 RAS cycles of which at least one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using the internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6) AC measurements assume tT = 2 ns. 7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also measured between VIH and VIL. 8) Measured with the specified current load and 100 pF at Vol = 0.8 V and Voh = 2.0 V. Access time is determined by the latter of tRAC, tCAC, tAA,tCPA, tOEA . tCAC is measured from tristate. 9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC. 10) Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA. 11) Either tRCH or tRRH must be satisfied for a read cycle. 12) tOFF (max.), tOEZ (max.) define the time at which the output achieves the open-circuit conditions and are not referenced to output voltage levels. tOFF is referenced from the rising edge of RAS or CAS, whichever occurs last. 13) Either tDZC or tDZO must be satisfied. 14) Either tCDD or tODD must be satisfied. 15) tWCS, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and data out pin will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.) and tAWD > tAWD (min.), the cycle is a read-write cycle and I/O will contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of I/O (at access time) is indeterminate. 16) These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge in read-write cycles. 17)When using Self Refresh mode, the following refresh operations must be performed to ensure proper DRAM operation: If row addresses are being refreshed on an evenly distributed manner over the refresh interval using CBR refresh cycles, then only one CBR cycle must be performed immediately after exit from Self Refresh. If row addresses are being refreshed in any other manner (ROR - Distributed/Burst; or CBR-Burst) over the refresh interval, then a full set of row refreshes must be performed immediately before entry to and immediately after exit from Self Refresh Semiconductor Group 10 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRC tRAS RAS V IH VIL tRP tCSH tRCD tRSH tCAS tRAL tCRP V IH CAS VIL tRAD tASR tASC tCAH Column tASR Row Address V IH VIL Row tRCH tRAH tRCS tRRH tAA tOEA V WE IH VIL OE V IH VIL tDZC tDZO tODD tCAC tCLZ Hi Z tCDD I/O (Inputs) V IH VIL tOFF tOEZ Valid Data Out Hi Z I/O (Outputs) V V OH OL tRAC "H" or "L" WL1 Read Cycle Semiconductor Group 11 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRC tRAS V tRP RAS IH VIL tCSH tRCD tRSH tCAS tRAL tCAH Column tCRP V IH CAS VIL tRAD tASR tASC tASR Row Address V IH VIL . Row tRAH V tWCS t WP tCWL WE IH VIL tWCH tRWL OE V IH VIL tDS I/O (Inputs) V IH VIL tDH Valid Data In OH I/O (Outputs) V OL V Hi Z "H" or "L" WL2 Write Cycle (Early Write) Semiconductor Group 12 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRC tRAS V tRP RAS IH VIL tCSH tRCD tRSH tCAS tRAL tCRP V IH CAS VIL tRAD tASR tASC tCAH Column tASR . Row V IH Address V IL Row tRAH V WE IH tCWL tRWL tWP VIL tOEH V OE IH VIL tDZO tDZC I/O (Inputs) V IH VIL tODD tDS tOEZ tCLZ tOEA tDH Valid Data OH I/O (Outputs) V OL V Hi-Z Hi-Z "H" or "L" WL3 Write Cycle (OE Controlled Write) Semiconductor Group 13 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRWC tRAS V IH VIL V IH tRP RAS tCSH tRCD tRSH tCAS tCRP CAS VIL tRAH tASR V tCAH tASC Column tASR Row Address IH VIL Row tRAD V tAWD tCWD tRWD tCWL tRWL tWP IH WE VIL tAA tRCS V IH tOEA tOEH OE VIL tDZO tDZC I/O (Inputs) V IH VIL tDS tDH Valid Data in tCLZ tCAC tODD tOEZ Data Out I/O (Outputs) V OL V OH tRAC "H" or "L" WL4 Read-Write (Read-Modify-Write) Cycle Semiconductor Group 14 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRAS V tRP tRHCP tRSH tCRP RAS IH tRCD VIL tHPC tCRP V IH tCAS tCP tCAS tCAS CAS VIL tCSH tASR tRAH tASC Row tRAL tCAH tASC tCAH Column 2 tASC tCAH Column N Address V IH VIL Column 1 tRAD tRRH tRCH tRCS WE VIH VIL tOES V tCAC tAA tCPA tCAC tAA tCPA tOFF OE OH OL tOEA tRAC tAA tCAC V tOEZ tCOH tCOH Data Out 2 Data Out N I/O IH (Output) V IL V tCLZ Data Out 1 "H" or "L" WL5 Hyper Page Mode (EDO) Read Cycle Semiconductor Group 15 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRAS V IH tRP tRHCP tRSH tCRP tRCD RAS VIL tHPC tCRP V IH tCAS tCP tCAS tCAS CAS VIL tCSH tASR tRAH tASC Row Addr tRAL tCAH tASC tCAH Column 2 tASC tCAH Column N V Address IH VIL Column 1 tRAD tCWL tWCS VIH VIL tCWL tWCH tWP tWCS tRWL tCWL tWCH tWP tWCH tWCS tWP WE V OE OH OL V tDS V IH tDH tDS tDH tDS tDH I/O (Input) V IL Data In 1 Data In 2 Data In N "H" or "L" WL8 Hyper Page Mode (EDO) Early Write Cycle Semiconductor Group 16 tRASP tRP tPRWC tCP tCAS tCAS tCAH tASC tASC Column Row Column V RAS IH V IL tCSH tRCD tCAS tRAL tCRP tRSH Semiconductor Group V CAS IH V IL tRAD tCAH tASC Column tASR tRAH tCAH tASR V Address IH V IL Row V tRCS tAWD tOEA tOEA tWP tWP tOEA tAWD tAWD tRWD tCWD tCWL tCWL tCPWD tCWD tCPWD tCWD tRWL tCWL WE IH Hyper Page Mode (EDO) Late Write and Read-Modify Write Cycle 17 V IL tAA tWP V IH OE V IL tCPA tDZC Data In tCPA tODD Data In V IH tDZC tCLZ tDZO tCLZ tCAC tRAC tOEZ tDH tDS Data Out Data Out tDZC tCLZ tOEH tODD Data In I/O (Inputs) V IL tODD tAA tOEH tOEZ tDS tDH tOEH tCAC tAA tDS Data Out tDH OH I/O (Outputs) V V OL HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM WL17 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRC tRAS RAS V IH VIL tRP tCRP tRPC CAS V IH VIL tRAH tASR tASR Row V Address IH VIL Row OH I/O (Outputs) V OL V HI-Z "H" or "L" WL9 RAS-Only Refresh Cycle Semiconductor Group 18 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRC tRP V tRAS tRP RAS IH VIL tRPC tCP tCSR tCHR tRPC tCRP CAS V IH VIL tWRP tWRH V IH WE VIL tOEZ V OE IH VIL tCDD I/O (Inputs) V IH VIL tODD OH I/O (Outputs)VOL V HI-Z tOFF "H" or "L" WL10 CAS-Before-RAS Refresh Cycle Semiconductor Group 19 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRC V tRC tRP tRAS tRP tRAS IH RAS VIL tRCD V tRSH tCHR tCRP CAS IH VIL tRAD tASC tASR tRAH Row tWRP tCAH tWRH tASR Row V Address IH VIL Column tRCS V tRRH WE IH VIL tAA tOEA V OE IH VIL tDZC tDZO tCDD tODD tCAC tCLZ V I/O (Inputs) IH VIL tOFF tOEZ Valid Data Out HI-Z tRAC OH I/O (Outputs) V OL V "H" or "L" WL11 Hidden Refresh Cycle (Read) Cycle Semiconductor Group 20 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRC tRP RAS V IH VIL tRC tRAS tRP tRAS tRCD V IH VIL tRSH tCHR tCRP CAS tRAD tRAH tASR tASC tCAH Column tASR Row Address V IH VIL Row tWCS tWCH tWP tWRP tWRH WE V IH VIL tDS I/O (Input) V IH V IL tDH Valid Data OH I/O (Output) V OL V HI-Z "H" or "L" WL12 Hidden Refresh Early Write Cycle Semiconductor Group 21 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRP RAS V IH VIL tRASS tRPS tRPC tCSR V tCHS tCRP tCP IH CAS VIL tWRP tWRH V WE IH VIL OE V IH VIL tCDD I/O (Inputs) V IH VIL tODD tOEZ OH I/O (Outputs) V OL V HI-Z tOFF "H" or "L" WL13 Self Refresh Semiconductor Group 22 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRAS Read Cycle: RAS V IH V IL tRP tCSR CAS V IH V IL tCHR tCP tRSH tCAS tRAL tASC Address V IH V IL tCAH tAA tCAC tASR Row Column tWRP WE V IH V IL V IH V IL V IH V IL VOH VOL tRRH tOEA tCDD tOFF tOEZ Data Out tRCH tWRH tRCS tDZC tDZO tCLZ OE I/O (Inputs) tODD I/O (Outputs) tWRP Write Cycle: WE V IH V IL tWCS tRWL tCWL tWCH tWRH OE V IH V IL tDS I/O (Inputs) I/O (Outputs) V IH V IL V IH V IL tDH Data In HI-Z CAS-Before-RAS Refresh Counter Test Cycle Semiconductor Group 23 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM tRP V tRC tRAS tRP RAS IH VIL tRPC tCP tCSR tCHR tRPC tCRP V CAS IH VIL tASR tRAH Address IH VIL V Row tWTS V tWTH WE IH VIL V OE IH VIL I/O IH (Inputs) V IL V tODD HI-Z tCDD tOEZ I/O (Outputs) V V OH OL HI-Z tOFF "H" or "L" WL15 Test Mode Entry Semiconductor Group 24 HYB3117805BSJ-50/-60/-70 2M x 8-EDO DRAM Plastic Package P-SOJ-28-3 (400mil) (Small Outline J-lead, SMD) 10.16 1) +0.13 - 30 O 1.27 0.51 -0.13 0.81max 9.4 0.1 11.18 + 0.25 - 0.18 M 28x 0.18 +0.13 - M GPJ05699 28 15 1 18.54 1) -0.25 14 Index Marking 1) Does not include plastic or metal protrusion of 0.15 max. per side Package Outline Semiconductor Group 25 |
Price & Availability of HYB3117805BJ-60 |